Part Number Hot Search : 
WS140050 KBPC5 UM3204 190AX35X P8049 E000695 1212D MP35005W
Product Description
Full Text Search
 

To Download TDA7332D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TDA7332
RDS FILTER
HIGH PERFORMANCE, STABLE 57KHz FILTER HIGH SELECTIVITY FLAT GROUP DELAY HIGH PERFORMANCE LIMITER VERY FEW EXTERNAL COMPONENTS 4.332MHz CLOCK OSCILLATOR (8.664MHz OPTIONAL) DESCRIPTION The TDA7332 is an RDS filter, realized in switched capacitor technique. The 4 biquad stage architecture is working with 4.332MHz clock. Optionally a 8.664MHz xtal can be used. The filter has a center frequency of 57KHz and a bandwidth of 3KHz. Input 2nd order antialiasing filter and output smoothing filter are provided.
DIP14 SO14 ORDERING NUMBERS: TDA7332 TDA7332D TDA7332DIE1 (Chip on wafer)
TEST CIRCUIT
November 1999
1/6
TDA7332
ABSOLUTE MAXIMUM RATINGS
Symbol VS Top Tstg Supply Voltage Operating Temperature Range Storage Temperature Parameter Value 7 -40 to 85 -40 to 150 Unit V C C
THERMAL DATA
Symbol Rth j-case Description Thermal Resistance Junction-case Typ. DIP14 100 SO14 200 Unit C/W
PIN CONNECTION (Top view)
BONDING PAD LOCATIONS (Top view)
2/6
TDA7332
ELECTRICAL CHARACTERISTICS (VCC = 5V, Tamb = 25C; fosc = 4.332MHz; VIN = 20mVrms unless otherwise specified)
Symbol Parameter Test Condition Min. Typ. Max. Unit
SUPPLY SECTION
VCC IS Supply Voltage Supply Current 4.5 6 5 9 5.5 14 V mA
FILTER
FC BW G A Center Frequency 3dB Bandwidth Gain Attenuation f = 57KHz f = +4KHz f = 38KHz; Vi = 500mVrms f = 67KHz; Vi = 250mVrms A (see note1) B (see note1) C (see note1) 100 Vi = 3mVrms f = 19KHz; T3 < -40dB (see note2) f = 57KHz (RDS + ARI) Pin 12 100 30 56.5 2.5 18 18 50 35 57 3 20 22 80 50 0.5 1 2 160 40 1 50 5 7.5 10 200 57.5 3.5 22 KHz KHz dB dB dB dB DEG DEG DEG K dB Vrms mVrms K
Ph
Phase non linearity
Ri S/N Vi RL
Input Impedance Signal to Noise Ratio Input Signal Load Impedance
LIMITER
RA VOL VOH Resistance pin 8-12 Comp. Output LOW Comp. Output HIGH Duty Cycle IO = +0.5mA IO = -0.5mA Vi = 1mVrms 4 50 15 21 28 1 K V V %
OSCILLATOR
FOSC Oscillator Frequency Output Amplitude VCLL VOLH Clock Input Level LOW Clock Input Level HIGH 4 FSEL = Open FSEL = Closed to Ground 4.332 8.664 5 1 MHz MHz VPP V V
CRYSTAL TYPE = EURO QUARTZ
Note (1): The phase non linearity is defined as: Ph = | -2 f2 + f1 + f3 | where fx is the input-output phase difference at the frequency fx (x = 1,2,3)
Measure A B C
f1 (KHz) 56.5 56 55.5
f2 (KHz) 57 57 57
f3 (KHz) 57.5 58 58.5
Ph max <5 <7.5 <10
Note (2): The 3th harmonic (57KHz) at the output (pin12) must be less than -40dB in respect to the input signal plus gain.
3/6
TDA7332
mm MIN.. A a1 a2 b b1 C c1 D (1) E e e3 F (1) G L M S 3.8 4.6 0.4 8.55 5.8 1.27 7.62 4 5.3 1.27 0.68 8 (max.) 0.150 0.181 0.016 0.35 0.19 0.5 45 (typ.) 8.75 6.2 0.336 0.228 0.050 0.300 0.157 0.209 0.050 0.027 0.344 0.244 0.1 TYP. MAX.. MIN.. 1.75 0.25 1.6 0.46 0.25 0.014 0.007 0.020 0.004 inch TYP.. MAX.. 0.069 0.009 0.063 0.018 0.010
DIM.
OUTLINE AND MECHANICAL DATA
SO14
(1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch).
4/6
TDA7332
DIM. MIN. a1 B b b1 D E e e3 F I L Z 1.27 0.51 1.39
mm TYP. MAX. MIN. 0.020 1.65 0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 2.54 0.050 0.055
inch TYP. MAX.
OUTLINE AND MECHANICAL DATA
0.065 0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
DIP14
5/6
TDA7332
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of TDA7332D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X